Electronic Components Datasheet Search
  English  ▼

X  

PJ-040CH Datasheet(PDF) 2 Page - CUI INC

Part # PJ-040CH
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-040CH Datasheet(HTML) 2 Page - CUI INC

  PJ-040CH Datasheet HTML 1Page - CUI INC PJ-040CH Datasheet HTML 2Page - CUI INC PJ-040CH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-040CH │ DESCRIPTION: DC POWER JACK
date 04/08/2016
│ page 2 of 3
6.0 0.236
4.00 0.157
0.059
0.079
2.00
0.079
2.0
2.0
1.50
0.079
0.020
0.5
1.30.051
(2 PLCS)
0.098
2.50
0.020
0.5
2.50 0.098
2.00.079
2.00.079
1.50 0.059
6.00.236
2.00 0.079
1
3
PCB LAYOUT
TOP VIEW
0.80X1.20
(3 PLCS)
2
3.80 0.150
0.236
6.00
5.00 0.197
(2 PLCS)
1.00 0.039
0.3 (3 PLCS)
0.039
1.00
3.00.118
5.00 0.197
0.30.012
(3 PLCS)
1
2
3
1.00 0.039
(2 PLCS)
4.00 0.157
2.00 0.079
0.354
9.0
0.75 0.030
(3 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
brass
silver
terminal 1
brass
silver
terminal 2
copper alloy
silver
terminal 3
brass
silver
plastic
PA66
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
3
2
1
Model
PJ-040CH
Center Pin
Ø1.0 mm
MATING PLUG
Jack Insertion Depth: 8.6 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com