Electronic Components Datasheet Search
  English  ▼

X  

2N690 Datasheet(PDF) 1 Page - International Rectifier

Part # 2N690
Description  25 and 35 Amp RMS SCRs?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2N690 Datasheet(HTML) 1 Page - International Rectifier

  2N690 Datasheet HTML 1Page - International Rectifier 2N690 Datasheet HTML 2Page - International Rectifier 2N690 Datasheet HTML 3Page - International Rectifier 2N690 Datasheet HTML 4Page - International Rectifier 2N690 Datasheet HTML 5Page - International Rectifier 2N690 Datasheet HTML 6Page - International Rectifier 2N690 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - 2N690

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N690 KNOX-2N690 Datasheet
208Kb / 7P
25 and 35 Amp RMS SCRs
logo
International Rectifier
2N690 IRF-2N690 Datasheet
219Kb / 7P
25 AND 35 AMP RMS SCRS
logo
Central Semiconductor C...
2N690 CENTRAL-2N690 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
Digitron Semiconductors
2N690 DIGITRON-2N690 Datasheet
3Mb / 7P
SILICON CONTROLLED RECTIFIER
logo
List of Unclassifed Man...
2N690 ETC1-2N690 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N690

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N681 KNOX-2N681 Datasheet
208Kb / 7P
25 and 35 Amp RMS SCRs
logo
International Rectifier
2N686 IRF-2N686 Datasheet
219Kb / 7P
25 AND 35 AMP RMS SCRS
2N3091 IRF-2N3091 Datasheet
239Kb / 6P
110 AMP RMS SCRS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Littelfuse
S8015L56 LITTELFUSE-S8015L56 Datasheet
988Kb / 8P
15 and 16 Amp Standard SCRs
S6035JTP LITTELFUSE-S6035JTP Datasheet
195Kb / 7P
35 Amp Standard SCRs
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
19-Nov-15
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
21-Sep-17
logo
Littelfuse
SVXX25XX LITTELFUSE-SVXX25XX Datasheet
442Kb / 8P
25 Amp High Junction Temperature SCRs
06/16/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com