Electronic Components Datasheet Search
  English  ▼

X  

BAT54S Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAT54S
Description  Extremely Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAT54S Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAT54S Datasheet HTML 1Page - Nanjing International Group Co BAT54S Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DONGGUAN NANJING ELECTRONICS LTD.,
SOT-23 Plastic-Encapsulate Diodes
BAT54/A/C/S
SCHOTTKY BARRIER DIODE
FEATURES
Extremely Fast Switching Speed
BAT54 MARKING
: KL1
BAT54A MARKING
: KL2
BAT54C MARKING
: KL3
BAT54S MARKING
: KL4
Maximum Ratings @Ta=25
Parameter
Symbol
Limit
Unit
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
200
mA
Power Dissipation
PD
200
mW
Storage Temperature
TSTG
-55
~+150
Electrical Characteristics @Ta=25
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
30
V
IR=100μA
VF1
0.24
V
IF=0.1mA
VF2
0.32
V
IF=1mA
VF3
0.40
V
IF=10mA
VF4
0.50
V
IF=30mA
Forward voltage
VF5
1
V
IF=100mA
Reverse current
IR
2
μA
VR=25V
Diode capacitance
CD
10
pF
VR=1V,f=1MHz
Reverse recovery time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOT-23


Similar Part No. - BAT54S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54S PANJIT-BAT54S Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54S PHILIPS-BAT54S Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54S STMICROELECTRONICS-BAT54S Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54S ZETEX-BAT54S Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54S ZOWIE-BAT54S Datasheet
51Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54SLT1G LRC-LBAT54SLT1G_11 Datasheet
74Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
logo
ON Semiconductor
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
logo
List of Unclassifed Man...
BAT54C-KL3 ETC2-BAT54C-KL3 Datasheet
112Kb / 2P
Extremely Fast Switching Speed
BAT54-KL1 ETC2-BAT54-KL1 Datasheet
112Kb / 2P
Extremely Fast Switching Speed
BAT54S-KL4 ETC2-BAT54S-KL4 Datasheet
112Kb / 2P
Extremely Fast Switching Speed
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
Extremely Fast Switching Speed
logo
Guangdong Youtai Semico...
BAT54XW UMW-BAT54XW Datasheet
266Kb / 3P
Extremely Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com