Electronic Components Datasheet Search
  English  ▼

X  

BC847 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BC847
Description  Ideally suited for automatic insertion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC847 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BC847 Datasheet HTML 1Page - Nanjing International Group Co BC847 Datasheet HTML 2Page - Nanjing International Group Co BC847 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VCBO
IC= 10μA, IE=0
80
50
30
V
VCEO
IC= 10mA, IB=0
65
45
30
V
VEBO
IE= 10μA, IC=0
6
V
ICBO
VCB=70 V , IE=0
VCB=50 V , IE=0
VCB=30 V , IE=0
0.1
A
ICEO
VCE=60 V , IB=0
VCE=45 V , IB=0
VCE=30 V , IB=0
0.1
A
IEBO
VEB=5 V , IC=0
0.1
A
hFE
VCE= 5V, IC= 2mA
110
200
420
220
450
800
VCE(sat)
IC=100mA, IB= 5mA
0.5
V
VBE(sat)
IC=100mA, IB= 5mA
1.1
V
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
Cob
VCB=10V,f=1MHz
4.5
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com