Electronic Components Datasheet Search
  English  ▼

X  

MDR-72S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MDR-72S
Description  72W Output Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MDR-72S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MDR-72S Datasheet HTML 1Page - MicroPower Direct, LLC MDR-72S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Wire Range is: 26 - 10 AWG, Strip length is 0.32 (8.0)
• Tolerance x.xx = ±0.02 (±0.5)
Pin
Function
1+VOUT
2+VOUT
3-VOUT
4-VOUT
5
6
AC-Neutral
7
AC-Line
Wire Connections
Notes:
1
. Inrush current is given for a cold start at 25°C.
2. Over voltage protection is provided by a zener diode clamp.
3. Output short circuit protection is provided by a “hiccup mode”
circuit. The unit recovers automatically when the fault condition is
removed.
4. Output overload protection is provided by a fold back current
limiting circuit with auto-recovery. A long-term overload could
damage the unit.
5. EMI characteristics are specified without external components.
6. Operation at no-load will not damage these units. However, they
may not meet all specifications.
7. The MDR-72S is designed for mounting on a standard 35 mm DIN
rail (TS35).
8. It is recommended that an external slow blow fuse also be used on
the input for protection. See the table above for the correct rating.
Model
Number
Input
Current
(A Max)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(A/V)
Voltage
(VDC)
Current (A)
230 VAC
Max.
Min.
MDR-72S-24
1.0
24.0
3.0
0.3
86
2,000
3.15/250
Derating Curve, Temperature
Other outputs may be available
Contact the factory for details at:
sales@micropowerdirect.com
Derating Curve, Input Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com