Electronic Components Datasheet Search
  English  ▼

X  

IGD1208W Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # IGD1208W
Description  Internal DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IGD1208W Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  IGD1208W Datasheet HTML 1Page - MicroPower Direct, LLC IGD1208W Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.012 (±0.30)
Pin
Function
Pin
Function
1+VDD (+ Power Supply)
11 Drive Output
2-VDD (- Power Supply)
12 Internal Power Tube
3
Drive Signal Input (+)
13 Fault Detection
4
Drive Signal Input (-)
14 Soft Turn-Off Adj
8
DC/DC Ouput (+)
15 Fault Signal Output
9
DC/DC Ouput (Comm)
16 Control Pin (ForTTRIP)
10 DC/DC Ouput (-)
Typical Connection
Connection Notes:
To minimize the potential for problems (and/or failures) caused by induced
noise, EMI interference and/or oscillation, the connection of the gate driver
must be done with great care. Some recommendations would include:
1 The D200E is a 2W DC/DC converter. It will convert a 5, 12, or 24V bus
voltage to the 15V needed to power the IGD1208W.The SR7805 is a
switching POL regulator. It provides a stable 5V input signal voltage
to the input (pin 3) of the IGD1208W.
2 The input signal voltage (pin 3) cannot exceed 5.25V. The internal
dissipation caused by the resultant increase in input current could
damage the input optocoupler. A current limiting resistor (R1) is used
to help prevent this. The resistor value is calculated by the formula:
6
.
150
R
mA
VV
1
17
1
IN
X
=
-
-
3 The gate wiring of the IGBT gate-emitter drive loop must be shorter
than 1 meter.
4 Twisted pair wiring is recommended for the gate-emitter drive loop
to minimize mutual induction.
5 If a large voltage spike is generated at the IGBT collector, the value
of the gate resistor (RG) should be increased.
6 The IGD1208W includes an internal DC/DC converter that provides
isolated gate drive power at pin 8 (VCC, 15V) and pin 10 (VEE, -8V).
These outputs share a common ground at pin 9. This allows the
IGD to provide a floating gate drive suitable for high or low side
switching. Low impedance electrolytic capacitors (C6 and C7) are
used to decouple the internal supply outputs. It is important that
these components be selected for low impedance and a maximum
allowable ripple current that is sufficinet for the application.Assuming
the ripple current in the decoupling capacitors is about equal to the
rms gate current, it can be estimated by the formula:
II
tx f
3
RMS
P
P
=
Where iP = peak current; tP = base width of pulse; and f = fre-
quency.Capacitors C6 and C7 should be mounted as close to the
driver as possible.
7 The peak reverse voltage rating of D1 must be higher than the
peak value of the IGBT collector voltage.
8 The voltage level at pin 13 could go “High” depending on the
reverse recovery characteristics of D1. A 30V zener diode DZ1 is
connected between pin 13 and pin 10 to prevent any problems
caused by this.
9 If the short cicuit protection circuit is not used, a 4.7 k
should be
connected between pin 9 and pin 13 (D1 and DZ1 are not required
with this configuration).
10 The IGD1208W has a short circuit detection time delay of 3.0 µS,
sufficient for most applications. If required, this can be extended
by connecting a resistor (RTRIP) between pin 16 and pin 12. Contact
the factory for details.
11 To help limit any transient voltage surges that could occur when
a short circuit is interrupted, a soft shutdown is provided by the
IGD1208W.The default time is set to 4.5 µS, but it can be adjusted
from 2.5 µS to 10 µS by using either CF or RF. Contact the factory
for details.
12 If the IGD1208W short circuit protection is activated, it will imme-
diately shut down the gate drive and pull pin 15 low to indicate
a fault (via OP1). During normal operation, the collector of OP1
is pulled high by R2. In the event of a fault, the driver output is
disabled and a fault signal is produced that lasts a minimum of
1 mS. The RC filter (C5 and R3) help provide noise immunity. If
the short circuit protection circuit is not used, these components
can be eliminated and pin 15 should be left open.
Mechanical Dimensions
Pin Connections
www.micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com