Electronic Components Datasheet Search
  English  ▼

X  

8308 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8308
Description  Connector Modules with Intergrated LAN Magnetics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8308 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8308 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Unique layout conserves precious circuit board space
• Designed for HUB applications
• IEEE 802.3u
• Compliant with a wide assortment of ICs
• Primary center taps available for additional EMI reduction
ELECTRICAL SPECIFICATION @ 25˚C
Inductance
µH min
8mADC 0 - 70˚C
Return Loss
dB min
CMRR
(TX/RX)
Crosstalk
dB min
Voltage
Isolation
Turns Ratio
Part
Number
(J1-J2) & (J3-J6)
1 - 30
MHz
30 - 60
MHz
60 - 80
MHz
1 - 60
MHz
60 - 100
MHz
1 - 60
MHz
60 - 100
MHz
10 mA, 1 min.
(Vrms)
TX
RX
8305
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1CT:1CT
1CT:1CT
8306
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1.414CT:1CT
1CT:1CT
8307
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
2CT:1CT
1CT:1CT
8308
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1.25CT:1CT
1CT:1CT
8309
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1CT:1.414CT
1CT:1CT
8310
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1CT:1.25CT
1CT:1CT
8311
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1CT:2CT
1CT:1CT
8312
350
16
16 - 20 log
(f/30 MHz)
10
45 / 40
40 / 35
40
38
1500
1CT:2.5CT
1CT:1CT
MECHANICAL AND SCHEMATIC (All dimensions in inches)
±
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
RJ-45
Connector Modules
with Intergrated LAN Magnetics
8305-8312


Similar Part No. - 8308

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8308 FILTRAN-8308 Datasheet
179Kb / 1P
RJ-45 Connector Modules with Intergrated LAN Magnetics
logo
API Technologies Corp
8308 APITECH-8308 Datasheet
717Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
Belden Inc.
8308 BELDEN-8308 Datasheet
209Kb / 2P
RS-232, Low Cap, #22-8pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
V-COIL THREAD SYSTEM
8308 V-COIL-8308 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Belden Inc.
8308-060100 BELDEN-8308-060100 Datasheet
209Kb / 2P
RS-232, Low Cap, #22-8pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8308

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8305 FILTRAN-8305 Datasheet
179Kb / 1P
RJ-45 Connector Modules with Intergrated LAN Magnetics
logo
XFMRS Inc.
XFATM4 XFMRS-XFATM4 Datasheet
21Kb / 1P
HIGH SPEED LAN MAGNETICS MODULES
logo
EPCOS
B78476A7694A003 EPCOS-B78476A7694A003 Datasheet
221Kb / 5P
Magnetics modules for LAN applications
B78476A8068A003 EPCOS-B78476A8068A003 Datasheet
259Kb / 5P
Magnetics modules for LAN applications
B78476A8245A003 EPCOS-B78476A8245A003 Datasheet
224Kb / 5P
Magnetics modules for LAN applications
B78476A8246A003 EPCOS-B78476A8246A003 Datasheet
269Kb / 5P
Magnetics modules for LAN applications
B78476A8247A003 EPCOS-B78476A8247A003 Datasheet
222Kb / 5P
Magnetics modules for LAN applications
B78476A8249A003 EPCOS-B78476A8249A003 Datasheet
239Kb / 5P
Magnetics modules for LAN applications
B78476A8317A003 EPCOS-B78476A8317A003 Datasheet
239Kb / 5P
Magnetics modules for LAN applications
logo
API Technologies Corp
8305-8312 APITECH-8305-8312 Datasheet
717Kb / 1P
Connector Modules with Intergrated LAN Magnetics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com