Electronic Components Datasheet Search
  English  ▼

X  

PJ-052C Datasheet(PDF) 2 Page - CUI INC

Part # PJ-052C
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-052C Datasheet(HTML) 2 Page - CUI INC

  PJ-052C Datasheet HTML 1Page - CUI INC PJ-052C Datasheet HTML 2Page - CUI INC PJ-052C Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-052C │ DESCRIPTION: DC POWER JACK
date 05/17/2016
│ page 2 of 3
8.0 0.315
(2 PLCS)
0.197
5.00
0.079
2.00
(2 PLCS)
3.3 0.130
2.4 0.094
1.3
+0.10
-0.00
(2 PLCS)
0.5 0.020
0.051
0.276
(2 PLCS)
7.0
2.0 0.079
3.60 0.142
0.276
7.0
(2 PLCS)
0.079
(2 PLCS)
2.00
8.0 0.315
(2 PLCS)
0.079
0.020
0.5
0.094
2.4
2.0
3.30.130
1
2
3
PCB LAYOUT
TOP VIEW
0.80X1.20
(4 PLCS)
4
3
21
4
3.80 0.150
0.197
1.00 0.039
2.50
0.118
0.3
(4 PLCS)
0.283
5.0
0.098
7.2
3.0
1.00 0.039
(2 PLCS)
9.00.354
0.75 0.030
(4 PLCS)
5.00.197
1.00.039
+0.00
-0.10
(2 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
brass
tin
terminal 1
brass
tin
terminal 2
copper alloy
tin
terminal 3
brass
tin
terminal 4
copper alloy
tin
plastic
PA66
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
3
4
1
2
Model
PJ-052C
Center Pin (1)
Ø1.0 mm
2
barrel
3
isolated barrel
switch (N-C)
4
isolated barrel
MATING PLUG
Jack Insertion Depth: 6.6 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com