Electronic Components Datasheet Search
  English  ▼

X  

BUY24 Datasheet(PDF) 2 Page - Seme LAB

Part # BUY24
Description  SILICON PLANAR EPITAXIAL NPN POWER SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUY24 Datasheet(HTML) 2 Page - Seme LAB

  BUY24 Datasheet HTML 1Page - Seme LAB BUY24 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUY24
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4071
Issue 1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector-Cutoff Current
VCB=60V
IE=0
10
µA
TC=125°C
1
mA
V(BR)CEO*
Collector-Emitter Breakdown Voltage
IC=50mA
IB=0
60
V(BR)CBO*
Collector-Base Breakdown Voltage
IC=1mA
IE=0
120
V(BR)EBO*
Emitter-Base Breakdown Voltage
IE=1mA
IC=0
6
VCE (sat)*
Collector-Emitter Saturation Voltage
IC=2A
IB=0.2A
0.15
0.6
IC=5A
IB=0.5A
0.4
1.0
VBE(sat)*
Base-Emitter Saturation Voltage
IC=2A
IB=0.2A
0.9
1.2
IC=5A
IB=0.5A
1.1
1.3
V
hFE*
DC Current Gain
IC=0.5A
VCE=2V
45
100
IC=2A
VCE=2V
40
85
IC=5A
VCE=2V
40
fT
Transition Frequency
IC=0.5A
VCE=5V
100
MHz
CCBO
Collector-Base Capacitance
IE=0
VCB=10V
35
80
pF
ton
Turn-on Time
IC=5A
IB1=0.5A
150
350
toff
Turn-off Time
IC=5A
IB1= IB2=0.5A
350
650
ns
hfe
Small Signal Current Gain
IC=0.5A
VCE=5V
2.5
5
f=20MHz
* Pulsed: Pulse Duration = 300µs, duty cycle = 1.0%
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com