Electronic Components Datasheet Search
  English  ▼

X  

LD5211AD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5211AD
Description  0.52 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5211AD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5211AD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5211AD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5211AD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10122086
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: July/20/2012
Datasheet of 0.52 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD52111A (Common Cathode)
LD5211B (Common Anode)
AB
C
A
B
C
DEF
G
DP
DE
F
G
3,8
DP
76
4
10
21
9
5
3,8
764
10
21
9
5
LD5211B (Common Anode)
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 13.2mm(0.52inch), External Dimensions: 12.6x17.5x7mm (L
x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5211AR
LD5211BR
GaAlAs
Super Red
640
8
10
8
10
LD5211AD
LD5211BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5211AO
LD5211BO
GaAsP
Orange
625
7
9
7
9
LD5211AY
LD5211BY
GaAsP
Yellow
588
8
10
8
10
LD5211AG
LD5211BG
GaP
Green
568
7
9
7
9
LD5211AUR
LD5211BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5211AUO
LD5211BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5211AUA
LD5211BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5211AUY
LD5211BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5211AUG
LD5211BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5211APG
LD5211BPG
InGaN
Pure Green
525
120
300
120
300
LD5211AUB
LD5211BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5211AUW
LD5211BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com