Electronic Components Datasheet Search
  English  ▼

X  

LD5015APG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5015APG
Description  0.50 inch Single Digit 16 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5015APG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5015APG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5015APG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5015APG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121698
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD5015A (Common Cathode)
LD5015B (Common Anode)
Selection Guide
Single Digit 7 Segment LED Display, Digit Height:12.70mm(0.50 inch), External Dimensions:
16.00x25.00x9.50mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5015AR
LD5015BR
GaAlAs
Super Red
640
8
10
8
10
LD5015AD
LD5015BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5015AO
LD5015BO
GaAsP
Orange
625
7
9
7
9
LD5015AY
LD5015BY
GaAsP
Yellow
588
8
10
8
10
LD5015AG
LD5015BG
GaP
Green
568
7
9
7
9
LD5015AUR
LD5015BUR
AlGaInP
Ultra Red
640
50
45
50
45
LD5015AUO
LD5015BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5015AUA
LD5015BUA
AlGaInP
Ultra Amber
605
50
45
50
45
LD5015AUY
LD5015BUY
AlGaInP
Ultra Yellow
595
50
45
50
45
LD5015AUG
LD5015BUG
AlGaInP
Ultra Green
573
50
45
50
45
LD5015APG
LD5015BPG
InGaN
Pure Green
525
120
500
120
500
LD5015AUB
LD5015BUB
InGaN
Ultra Blue
470
50
45
50
45
LD5015AUW
LD5015BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com