Electronic Components Datasheet Search
  English  ▼

X  

LD5631AD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5631AD
Description  0.56 inch Three Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5631AD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5631AD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5631AD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5631AD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121714
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD5631A (Common Cathode)
11
A
E
8
6 NO CONNECT
10
DIG.1
D
7
4
B
BC
21
EF
12
53
GDP
B
B
AC
DP
DE
G
F
9
DIG.2
AB
BD
CF
G DP
DIG.3
LD5631B (Common Anode)
11
A
E
8
6 NO CONNCET
10
DIG.1
742
1
D
B
BC
E
F
12
5
3
GDP
B
B
AC
DP
DE
9
G
F
DIG.2
AB
BD
CF
G
DIG.3
DP
Selection Guide
Three Digits 7 Segment LED Display, Digit Height: 14.20mm(0.56inch), External Dimensions:
37.80x19.00x8.00mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5631AR
LD5631BR
GaAlAs
Super Red
640
8
10
8
10
LD5631AD
LD5631BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5631AO
LD5631BO
GaAsP
Orange
625
7
9
7
9
LD5631AY
LD5631BY
GaAsP
Yellow
588
8
10
8
10
LD5631AG
LD5631BG
GaP
Green
568
7
9
7
9
LD5631AUR
LD5631BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5631AUO
LD5631BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5631AUA
LD5631BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5631AUY
LD5631BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5631AUG
LD5631BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5631APG
LD5631BPG
InGaN
Pure Green
525
120
300
120
300
LD5631AUB
LD5631BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5631AUW
LD5631BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com