Electronic Components Datasheet Search
  English  ▼

X  

LD5641AB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5641AB
Description  0.56 inch Four Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5641AB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5641AB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5641AB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5641AB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121718
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD5641A (Common Cathode)
11
4
7
2 1105 3
A
DIG.2
BC D E
G
FDP
12
DIG.1
D
ABC
E F G
9
DIG.3
C
DP AB
DE
F
8
DP
GA B C D E
6
G
FDP
DIG.4
LD5641B (Common Anode)
11
4
72 1 10 5 3
A
DIG.2
12
BC D
E
G
FDP
DIG.1
D
AB C
E F G
9
DIG.3
C
DP A B
D E
F
8
DP
GA B C D E
6
G
FDP
DIG.4
Selection Guide
Four Digits 7 Segment LED Display, Digit Height: 14.20mm(0.56inch), External Dimensions:
50.30x19.00x8.00mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5641AR
LD5641BR
GaAlAs
Super Red
640
8
10
8
10
LD5641AD
LD5641BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5641AO
LD5641BO
GaAsP
Orange
625
7
9
7
9
LD5641AY
LD5641BY
GaAsP
Yellow
588
8
10
8
10
LD5641AG
LD5641BG
GaP
Green
568
7
9
7
9
LD5641AUR
LD5641BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5641AUO
LD5641BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5641AUA
LD5641BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5641AUY
LD5641BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5641AUG
LD5641BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5641APG
LD5641BPG
InGaN
Pure Green
525
120
300
120
300
LD5641AUB
LD5641BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5641AUW
LD5641BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com