Electronic Components Datasheet Search
  English  ▼

X  

ESD1221 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD1221
Description  Cellular Handsets and Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD1221 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD1221 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Characteristics (TA=25℃ unless otherwise specified)
Fig 1. Pulse Waveform
Fig 2. Contact Discharge Current Waveform Per
IEC61000-4-2
Fig 3. Clamping Voltage vs. Peak Pulse Current
Fig4. Junction Capacitance VS. Reverse Voltage
0
5
10
15
20
25
30
Tf=8μs
0
1
2
3
4
5
6
t-Time-μs
0
30ns
60ns
Time(ns)
IPP-Peak Pulse Current (A)
Reverse Voltage
0
1
2
3
4
5
Pulse waveform: tp=8/20μs
100
60
40
20
0
80
100
Tp=20μs(IPP/2)
90
50
30
10
5
0
30
10
20
15
10
25
20
40
50
0
f=1MHz
70
ESD1221
Rev : 01.06.2014
3/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com