Electronic Components Datasheet Search
  English  ▼

X  

ZCAT Datasheet(PDF) 5 Page - TDK Electronics

Part # ZCAT
Description  Clamp Filters (Ferrite Core with Case)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZCAT Datasheet(HTML) 5 Page - TDK Electronics

  ZCAT Datasheet HTML 1Page - TDK Electronics ZCAT Datasheet HTML 2Page - TDK Electronics ZCAT Datasheet HTML 3Page - TDK Electronics ZCAT Datasheet HTML 4Page - TDK Electronics ZCAT Datasheet HTML 5Page - TDK Electronics ZCAT Datasheet HTML 6Page - TDK Electronics ZCAT Datasheet HTML 7Page - TDK Electronics ZCAT Datasheet HTML 8Page - TDK Electronics ZCAT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
(5/13)
001-01 / 20130723 / e9a15_zcat.fm
• All specifications are subject to change without notice.
EMC Components
ZCAT series 
ZCAT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
• Test conditions: When passing through an impedance meter (unloaded) ø1mm copper cable
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
ZCAT1518-0730
ZCAT2017-0930
ZCAT2032-0930
ZCAT2132-1130
ZCAT3035-1330
Impedance(
:)min.
Part No.
[10 to 100MHz]
[100 to 500MHz]
[50 to 500MHz]
25
50
—
ZCAT1518-0730(-BK)
20
50
—
ZCAT2017-0930(-BK)
50
100
—
ZCAT2032-0930(-BK)
40
80
—
ZCAT2132-1130(-BK)
80
150
—
ZCAT3035-1330(-BK)
1
10
100
1000
1000
100
10
1
Frequency (MHz)
1
10
100
1000
1000
100
10
1
Frequency (MHz)
1
10
100
1000
1000
100
10
1
Frequency (MHz)
1
10
100
1000
1000
100
10
1
Frequency (MHz)
1
10
100
1000
1000
100
10
1
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com