Electronic Components Datasheet Search
  English  ▼

X  

CLC030VEC Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030VEC
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030VEC Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CLC030VEC Datasheet HTML 14Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 15Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 16Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 17Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 18Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 19Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 20Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Device Operation (Continued)
TABLE 3. Control Register Addresses
Register Name
Address
Decimal
Address
Hexadecimal
EDH 0
1
01
EDH 1
2
02
EDH 2
3
03
ANC 0
4
04
ANC 1
5
05
ANC 2
6
06
ANC 3
7
07
ANC 4
8
08
ANC 5
23
17
ANC 6
24
18
SWITCH POINT 0
9
09
SWITCH POINT 1
10
0A
SWITCH POINT 2
25
19
SWITCH POINT 3
26
1A
FORMAT 0
11
0B
FORMAT 1
12
0C
TEST 0
13
0D
VIDEO INFO 0
14
0E
I/O PIN 0 CONFIG
15
0F
I/O PIN 1 CONFIG
16
10
I/O PIN 2 CONFIG
17
11
I/O PIN 3 CONFIG
18
12
I/O PIN 4 CONFIG
19
13
I/O PIN 5 CONFIG
20
14
I/O PIN 6 CONFIG
21
15
I/O PIN 7 CONFIG
22
16
TEST MODE 0
85
55
EDH REGISTERS 0, 1 AND 2 (Addresses 01h through
03h)
The CRC Error flag indicates that parallel data has been
input that contains detected errors in either the EDH check-
sums (SD) or CRC checkwords (HD).
Updated EDH packets may be inserted into the serial output
data by setting the EDH Force bit in the control registers.
The EDH Force control bit causes the insertion of new EDH
checkwords and flags into the serial output regardless of the
previous condition of EDH checkwords and flags in the input
parallel data. This function may be used in situations where
video content has been editted thus making the previous
EDH information invalid. In the case of SMPTE 292M data,
the CRC check characters are recalculated and inserted
automatically regardless of the presence of CRC characters
in the parallel data. After the CLC030 is reset, the initial state
of the CRC check characters is 00h.
The EDH Enable bit enables operation of the EDH generator
function.
The EDH flags F/F FLAGS[4:0] (full field), A/P FLAGS[4:0]
(active picture) and ANC FLAGS[4:0] (ancilliary data) are
defined in SMPTE RP 165. The EDH flags are stored in the
control registers. The flags are updated automatically when
the EDH function is enabled and data is being received.
The status of EDH flag errors in incoming SD parallel data
are reported in the ffFlagError, apFlagError and anc-
FlagError bits. The ffFlagError, apFlagError and anc-
FlagError bits are the logical-OR of the corresponding EDH
and EDA flags of the EDH checkwords.
CRC errors in incoming HD parallel data are reported in the
CRC ERROR, CRC ERROR LUMA and CRC ERROR
CHROMA bits in the control registers.
ANC REGISTERS 1 THROUGH 6 (Addresses 04h
through 08h, 17h and 18h)
The V FIFO Depth[2:0] bits control the depth of the video
FIFO which follows the input data latches. The depth can be
set from 0 to 4 stages deep by writing the corresponding
binary code into these bits. For example: to set the Video
FIFO depth at two registers, load 11010XXXXXb into the
ANC 0 control register (where X represents the other func-
tional bits of this register). To retain other data previously
stored in a register, read the register’s contents and
logically-OR this with the new data. Then write the compos-
ite data back into the register.
Flags for FIFO EMPTY, FIFO FULL and FIFO OVERRUN
are available in the configuration and control register set.
These flags can also be assigned as inputs and outputs on
the multi-function I/O port. The FIFO OVERRUN flag indi-
cates that an attempt to write data into a full FIFO has
occurred. When FIFO FLUSH DYNAMIC or MSG FLUSH
DYNAMIC are enabled, the FIFO OVERRUN function is
superceded. When FIFO OVERRUN is active and not super-
ceded, it can be reset by reading the bit’s status via the
Ancilliary/Command port. To be used properly, FIFO OVER-
RUN should be assigned as an output on the multi-function
I/O port and monitored by the host system. Otherwise, inad-
vertent loss of ancilliary packet data could occur.
The ANC Checksum Force bit, under certain conditions,
enables the overwriting of ancilliary data checksums re-
ceived in the parallel ancilliary data. Calculation and inser-
tion of new ancilliary data checksums is controlled by the
ANC Checksum Force bit. If a checksum error is detected
(calculated and received checksums do not match) and the
ANC Checksum Force bit is set, a new checksum will be
inserted in the ancilliary data replacing the previous one. If a
checksum error is detected and the ANC Checksum Force
bit is not set, the checksum mismatch is reported via the
ANC Checksum Error bit.
Ancilliary data checksums may be received in the incom-
ing parallel ancilliary data. Alternatively they may be calcu-
lated and inserted automatically by the CLC030. The CHK-
SUM ATTACH IN bit in the control registers when set to a
logic-1 indicates that the checksum is to be supplied in the
incoming data. When the CHKSUM ATTACH IN bit is set,
checksums for incoming data are calculated and checked
against received checksums. Calculation and insertion of
new ancilliary data checksum is controlled by the ANC
Checksum Force bit in the configuration and control regis-
ters. If a checksum error is detected (calculated and re-
ceived checksums do not match) and the ANC Checksum
Force bit is set, a new checksum will be inserted in the
ancilliary data replacing the previous one. If a checksum
error is detected and the ANC Checksum Force bit is not
set, the checksum mismatch is reported via the ANC
CHECKSUM ERROR bit in the control registers.
The ANC Checksum Error bit indicates that the received
ancilliary data checksum did not agree with the CLC030’s
internally generated checksum. This bit is available as an
output on the multifunction I/O port.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com