Electronic Components Datasheet Search
  English  ▼

X  

LEM78P153 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # LEM78P153
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

LEM78P153 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button LEM78P153 Datasheet HTML 11Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 12Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 13Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 14Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 15Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 16Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 17Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 18Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 19Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
     
  
3)
外部
外部
外部
外部 RC 振荡器模式
振荡器模式
振荡器模式
振荡器模式
©~fR<&r\¿>$ü RC YZ4&'€_‚ƒgº#$*
¿ìOPØ$RC YZ4OP¶HvÉvÝÉv„VGLMÅÖ¦…"
7†]ƒßk/‡$OPˆfÐ
8½‰Šq`‹OP$ÝÉf¬Œß 20pF$ÝÉf¬pß 1Mºøª
Žf©ìIJ†$OPΏݐ‘’“v”Mv‘•–
 8
jYðrsnY4Ý8z
振荡器模式
频率模式
频率
C1(PF)
C2(PF)
455KHz
100~150
100~150
2.0MHz
20~40
20~40
陶瓷谐振腔
HXT
4.0 MHz
10~30
10~30
32.768 KHz
25
15
100 KHz
25
25
200 KHz
25
25
455 KHz
20~40
20~150
1.0 MHz
15~30
15~30
2.0 MHz
15
15
晶体振荡器
HXT
4.0 MHz
15
15
RC
YZ4 R —ŒOP—˜(Ì$³ßŒÉ$º 1K$ƒß NMOS
f¬1&Îݙ$YZ4Îå‰fŠq
šßŽm›"$œ^uHvGLMvRC YZ4¸vœž\ PCB 
ž(Åh•–`‹OP
 

 




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com