Electronic Components Datasheet Search
  English  ▼

X  

1S200 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 1S200
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

1S200 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  1S200 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 1S200 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1S20 THRU 1S200
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 1.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
°
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
//
Case: R-1 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
Polarity: color band denotes cathode end
Any
Weight: 0.007ounce,0.20 gram
Mounting Position:
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
μ
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
2.Thermal resistance (from junction to ambient)Vertical P.C.B. mounted , 0.5"(12.7mm)lead length
3.Measured at 1.0MHz and reverse voltage of 4.0 volts
R
SEMICONDUCT OR
Maximum repetitive peak reverse voltage
20
14
20
30
21
30
40
28
40
60
42
60
100
71
100
VRRM
Volts
Volts
Volts
Volts
m
A
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
RθJA
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375"(9.5mm) lead length(see Fig. 1 )
Maximum instantaneous forward voltage
at 1.0 A(Note 1 )
T =25 C
A
°
T =100 C
A
°
Typical thermal
(Note 2)
resistance
Typical junction capacitance(Note 3)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
1.0
40.0
-55 to+150
-55 to+150
110
50.0
100
5
0.55
0.70
085
.
0.95
P
F
°C/W
°C
°C
CJ
TJ
1S20
1S30
1S40
1S60
1S100
Symbols
Units
150
105
150
1S150
200
140
200
1S200
0.90
R-1
Dimensions in inches and (millimeters)
0.140(3.5)
0.102(2.6)
0.025(0.65)
1.0(25.4)
MIN.
0.116(2.9)
0.091(2.3)
DIA.
0.0 (0.5 )
DIA.
21
5
1.0(25.4)
MIN.
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
m
A
T =125 C
A
°
A
μ
20
3
-
-


Similar Part No. - 1S200

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
1S200 JINANJINGHENG-1S200 Datasheet
65Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
1S200 YANGJIE-1S200 Datasheet
192Kb / 4P
Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
1S200 SAMYANG-1S200 Datasheet
896Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1S200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com