Electronic Components Datasheet Search
  English  ▼

X  

BAT85 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # BAT85
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

BAT85 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  BAT85 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
SEMICONDUCT OR
BAT85
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
DO-35
Dimensions in inches and (millimeters)
0.150(3.8)
MAX
1.083(27.5)
MIN
1.083(27.5)
MIN
0.079(2.0)
MAX
DIA
0.020(0.52)
MAX
DIA
For general purpose applications
These diodes features very low turn-on voltage and fast switching.
These devices are protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharges.
This diode is also available in the MiniMELF case with type designation LL85.
VR
IFM
IFSM
Repetitive Peak Reverse Voltage
Repetitive Peak Forward Current at t 1s,
0.5,
p
<<
d
Surge forward current at t 10ms ,
p
<
Junction temperature
Power Dissipation at
IF
Ambient Operating
temperature Range
Storage T
emperature Range
TSTG
TA
TJ
Ptot
Forward Continuous Current at
T =65°C
A
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
mA
mA
A
mW
V
-55 to+150
-55 to+125
125
300
5
200
30
200
1)
1)
1)
1)
Reverse breakdown voltage Tested with 100 A pulses
m
Leakage current V =25V
R
Forward voltage
Pulse Test t
300 s,
2%
p
md
at IF=0.1mA,
at IF=1mA,
at IF=10mA,
at IF=30mA,
at IF=100mA
30
2
5
0.50
10
0.8
0.4
0.32
0.24
Thermal resistance junction to ambient Air
Junction Capacitance at V =1V ,f=1MHz
R
Reverse recovery time Form I =10mA,I =10mA,I =1mA
FRR
V(BR)R
V
V
V
V
V
V
mA
pF
°/W
C
ns
VF
VF
VF
VF
VF
IR
CJ
trr
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
300
1)
Case: DO-35 glass case
Polarity: color band denotes cathode end
Weight: Approx. 0.13 gram
RqJA
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
11
-
High temperature soldering guaranteed 260°C 10 seconds at terminals
:/
Component in accordance to RoHS 2011 65 EU
//
T =25°C
A
T =25°C
A
T =25°C
A
°
C
°
C
°
C


Similar Part No. - BAT85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT85 PHILIPS-BAT85 Datasheet
30Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT85 GE-BAT85 Datasheet
41Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT85 MCC-BAT85 Datasheet
163Kb / 1P
BAT85 SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT85 BILIN-BAT85 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT85 GOOD-ARK-BAT85 Datasheet
127Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT85

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com