Electronic Components Datasheet Search
  English  ▼

X  

K12 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # K12
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

K12 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  K12 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. K12 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES K12 THRU K1D
0.01
0.1
1
0
10
20
30
40
50
50
10
0
1
10
100
0.2
0.4
0.6
0.8
1.0
1.6
1.4
1.2
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
NUMBER OF CYCLES AT 60Hz
T =25 C
J
°
T =125 C
J
°
T =150 C
J
°
PULSE WIDTH=300 S
1% DUTY CYCLE
T =T MAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
JJ
10
0.1
1
10
100
100
400
FIG.5-TYPICAL JUNCTION CAPACITANCE
T =25 C
f=1.0MH
J
Z
°
Vsig=50mVp-p
20V - 60V
100V - 200V
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2
20V - 60V
100V - 200V
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1
LEAD TEMPERATURE ( C)
°
0.001
0.01
0
1.0
100
10
20
0
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE%
T =125 C
J
°
T =25 C
J
°
T =75 C
J
°
20V - 60V
100V - 200V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com