Electronic Components Datasheet Search
  English  ▼

X  

LL101A Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL101A
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL101A Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL101A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL101A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCT OR
LL101A THUR LL101C
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
For general purpose applications
The LL101 series is a Metal-on-silicon junction Schottky barrier device which
is protected by a PN junction guard ring. The low forward voltage drop
and fast switching make it ideal for protection of MOS devices, steering,
biasing, and coupling diodes for fast switching and low logic level applications
These diodes are also available in the DO-35 case with the type
designation SD101A to SD101C.
Reverse breakover voltage
at I =10mA
R
Leakage current at V =50V
R
V =40V
V =30V
R
R
Forward voltage drop at I =1mA
F
200
200
200
2.0
2.1
2.2
0.41
0.4
0.39
1
1
0.95
0.9
I =15mA
F
Reverse Recovery time at I =I =5mA,recover to 0.1 R
FR
I
Junction Capacitance at V =0V ,f=1MHz
R
VRRM
VRRM
VRRM
VRRM
VRRM
VRRM
mW
A
V
V
TSTG
Ptot
TJ
Power Dissipation (infinite Heat Sink)
Peak Reverse Voltage
Storage Temperature Range
Junction temperature
Maximum Single cycle surge 10ms square wave
LL101A
LL101A
LL101A
LL101A
LL101A
LL101A
LL101B
LL101B
LL101B
LL101B
LL101B
LL101B
LL101C
LL101C
LL101C
LL101C
LL101C
LL101C
-55 to+150
V
V
V
V
V
V
V
V
V
nA
nA
nA
pF
pF
pF
ns
IFSM
VF
VF
VF
VF
VF
VF
IR
IR
IR
CJ
CJ
CJ
trr
125
2.0
400
1)
60
60
50
50
40
40
1) Valid provided that electrodes are kept at ambient temperature
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
Case: MiniMELF glass case(SOD-80 )
Polarity: Color band denotes cathode end
Weight: Approx. 0.05 gram
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
High temperature soldering guaranteed 260 C 10 seconds at terminals
:/
°
Component in accordance to RoHS 2011 65 EU
//
°C
°C
(Ratings at 25 C ambient temperature unless otherwise specified)
°
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications
logo
General Semiconductor
LL101A GE-LL101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
Vishay Siliconix
LL101A VISHAY-LL101A Datasheet
98Kb / 5P
Small Signal Schottky Barrier Diodes
03-Mar-06
logo
EIC discrete Semiconduc...
LL101A EIC-LL101A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com