Electronic Components Datasheet Search
  English  ▼

X  

LL103A Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL103A
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL103A Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL103A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL103A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. LL103A Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
SEMICONDUCT OR
LL103A THUR LL103C
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
For general purpose applications
The LL103 series is a Metal-on-silicon junction Schottky barrier device which
is protected by a PN junction guard ring. The low forward voltage drop and fast
switching make it ideal for protection of MOS devices, steering, biasing, and coupling
diodes for fast switching and low logic level applications. Other applications are click
suppressions, efficient full wave bridges in telephone subsets, and blocking diodes in
rechargeable low voltage battery systems.
These diodes are also available in the DO-35 case with the type designation
SD103A to SD103C.
Leakage current at V =30V
R
V =20V
V =10V
R
R
Forward voltage drop at I =20mA
I =200mA
F
F
0.37
0.6
5
5
5
50
10
Reverse Recovery time at I =I =50mA,recover to 200mA
recover to 0.1 R
FR
I
Junction Capacitance at V =0V ,f=1MHz
R
VRRM
VRRM
VRRM
mW
A
V
V
V
TSTG
Ptot
TJ
Power Dissipation (infinite Heat Sink)
Peak Reverse Voltage
Storage Temperature Range
Junction temperature
Maximum Single cycle surge 60Hz sine wave
LL103A
LL103A
LL103B
LL103B
LL103C
LL103C
-55 to+150
V
V
mA
mA
mA
pF
ns
IFSM
VF
VF
IR
IR
IR
CJ
trr
125
15
400
1)
40
30
20
1) Valid provided that electrodes are kept at ambient temperature
Case: MiniMELF glass case(SOD-80 )
Polarity: Color band denotes cathode end
Weight: Approx. 0.05 gram
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
31
-
High temperature soldering guaranteed 260°C 10 seconds at terminals
:/
Component in accordance to RoHS 2011 65 EU
//
°
C
°
C
(Ratings at 25°C ambient temperature unless otherwise specified)


Similar Part No. - LL103A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103A SEMTECH-LL103A Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103A EIC-LL103A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103A ETC1-LL103A Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - LL103A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com