Electronic Components Datasheet Search
  English  ▼

X  

LL5711 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL5711
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL5711 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL5711 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL5711 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCT OR
LL5711, LL6263
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
Case: MiniMELF glass case(SOD-80 )
Weight: Approx. 0.05 gram
For general purpose applications
Metal-on-silicon junction Schottky barrier device which is protected by a
PN junction guard ring. The low forward voltage drop and fast switching
make it ideal for protection of MOS devices, steering, biasing and
coupling diodes for fast switching and low logic level applications
These diodes are also available in the DO-35 case with type
designation 1N5711 and 1N6263.
Reverse breakover voltage
Leakage current at V =50V
R
Forward voltage drop at I =1mA
F
200
0.41
300
1.0
2.0
1
60
70
I =15mA
F
Reverse Recovery time at I =I =5mA,recover to 0.1 R
FR
I
Junction Capacitance at V =0V ,f=1MHz
R
Thermal resistance
VRRM
VR
VR
VRRM
mW
A
V
V
TSTG
Ptot
TJ
Porwer Dissipation (infinite Heat Sink)
Peak Reverse Voltage
Storage Temperature Range
Junction temperature
Maximum Single cycle surge 10ms square wave
-55 to+150
V
V
V
V
nA
pF
ns
IFSM
VF
VF
IR
CJ
trr
125
2.0
400
1)
70
60
1) Valid provided that electrodes are kept at ambient temperature
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
LL5711
LL6263
LL5711
LL6263
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
High temperature soldering guaranteed 260 C 10 seconds at terminals
:/
°
Component in accordance to RoHS 2011 65 EU
//
°C
°C
(Ratings at 25 C ambient temperature unless otherwise specified)
°
°C/W
RθJA
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1


Similar Part No. - LL5711

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL5711 DIODES-LL5711 Datasheet
38Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30075 Rev. A-2
logo
General Semiconductor
LL5711 GE-LL5711 Datasheet
84Kb / 2P
Schottky Diodes
logo
EIC discrete Semiconduc...
LL5711 EIC-LL5711 Datasheet
36Kb / 2P
SCHOTTKY BARRIER DIODES
logo
SynSemi, Inc.
LL5711 SYNSEMI-LL5711 Datasheet
31Kb / 2P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL5711 GOOD-ARK-LL5711 Datasheet
112Kb / 2P
Small-Signal Diode Schottky Diodes
More results

Similar Description - LL5711

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com