Electronic Components Datasheet Search
  English  ▼

X  

SRF820 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SRF820
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SRF820 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SRF820 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SRF820 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SRF820 THRU SRF8200
0.1
1.0
125
130
135
140
145
150
40
0.2
1.0
2.0
5.0
10
20
50
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.1
0.4
1.0
10
40 60
100
100
200
1000
2000
4000
FIG.4-TYPICAL JUNCTION CAPACITANCE
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.3-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE (VOLTS)
NUMBER OF CYCLES AT 60Hz
SRF8100-SRF8200
SRF820-SRF860
T =25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
J
°
SRF8100-SRF8200
SRF820-SRF860
0
50
100
150
0
2.0
6.0
4.0
10
8.0
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE ( C)
°
SINGLE PHASE
HALF WAVE 50Hz
I
RESISTIVE LOAD
NDUCTIVE OR
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
10
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-
0.001
0.01
0.1
1.0
10
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE ( )
%
SRF820-SRF860
SRF8100-SRF8200
T =25 C
C
°
T =75 C
C
°
T =150 C
C
°
T =125 C
C
°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com