Electronic Components Datasheet Search
  English  ▼

X  

SD12C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD12C
Description  Set-top box and digital TV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD12C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD12C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD12C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD12C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD12C
Ultra Low Capacitance Bi-Directional TVS Diode Array
Features
●
Ultra low leakage: nA level
●
Operating voltage: 12V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
Package: SOD-323
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
320
W
ESD per IEC 61000−4−2 (Air)
VESD
± 15
Kv
ESD per IEC 61000−4−2 (Contact)
± 8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - SD12C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD12C SEMTECH-SD12C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Shanghai Semitech Semic...
SD12C SEMITECH-SD12C Datasheet
126Kb / 3P
Unidirectional Configurations
logo
Galaxy Semi-Conductor H...
SD12C BILIN-SD12C Datasheet
211Kb / 5P
Single Line TVS Diode for ESD
Rev.A 6100-4-2
logo
Thinki Semiconductor Co...
SD12C THINKISEMI-SD12C Datasheet
903Kb / 5P
350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD12C SKTECHNOLGY-SD12C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
More results

Similar Description - SD12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5514 STMICROELECTRONICS-STI5514 Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Silicon Laboratories
SI2144 SILABS-SI2144 Datasheet
105Kb / 2P
Worldwide Digital Set-Top Box Tuner
logo
Shanghai Leiditech Elec...
LCDA24C-8 LEIDITECH-LCDA24C-8 Datasheet
223Kb / 3P
Set-top box and digital TV
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
Set-top box and digital TV
SD15C LEIDITECH-SD15C Datasheet
132Kb / 3P
Set-top box and digital TV
SD18C LEIDITECH-SD18C Datasheet
131Kb / 3P
Set-top box and digital TV
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
Digital Terrestrial Set-Top Box Tuner
August 9, 2021
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com