Electronic Components Datasheet Search
  English  ▼

X  

MAX1896 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1896
Description  1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1896 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1896 Datasheet HTML 1Page - Maxim Integrated Products MAX1896 Datasheet HTML 2Page - Maxim Integrated Products MAX1896 Datasheet HTML 3Page - Maxim Integrated Products MAX1896 Datasheet HTML 4Page - Maxim Integrated Products MAX1896 Datasheet HTML 5Page - Maxim Integrated Products MAX1896 Datasheet HTML 6Page - Maxim Integrated Products MAX1896 Datasheet HTML 7Page - Maxim Integrated Products MAX1896 Datasheet HTML 8Page - Maxim Integrated Products MAX1896 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.4MHz SOT23 Current-Mode
Step-Up DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = VSHDN = 3V, FB = GND, SS = open, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
Note 2: Current limit varies with duty cycle due to slope compensation. See the Output Current Capability section.
Note 3: Specifications to -40°C are guaranteed by design and not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VIN
2.6
5.5
V
Output Voltage Adjust Range
VOUT
Circuit of Figure 1
13
V
VIN Undervoltage Lockout
UVLO
VIN rising, 50mV hysteresis.
2.25
2.55
V
VFB = 1.3V, not switching
0.4
Quiescent Current
IIN
VFB = 1.0V, switching
5
mA
Shutdown Supply Current
V SHDN = 0
10
µA
ERROR AMPLIFIER
Feedback Regulation Set Point
VFB
1.2
1.25
V
FB Input Bias Current
IFB
VFB = 1.24V
80
nA
Line Regulation
2.6V < VIN < 5.5V
0.20
%/V
OSCILLATOR
Frequency
fOSC
1000
1800
kHz
Maximum Duty Cycle
DC
82
%
POWER SWITCH
Current Limit (Note 2)
ILIM
VFB = 1V, duty cycle = 50%
0.55
A
On-Resistance
RON
1
Ω
Leakage Current
ILXOFF
VLX = 12V
10
µA
SOFT-START
Reset Switch Resistance
100
Ω
Charge Current
VSS = 1.2V
1.25
7.50
µA
CONTROL INPUT
Input Low Voltage
VIL
V SHDN = VIN = 2.6V to 5.5V
0.3
V
Input High Voltage
VIH
V SHDN = VIN = 2.6V to 5.5V
1.0
V
V SHDN = 3V
50
SHDN Input Current
I SHDN
V SHDN = 0
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com