Electronic Components Datasheet Search
  English  ▼

X  

MAX189 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX189
Description  1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX189 Datasheet HTML 2Page - Maxim Integrated Products MAX189 Datasheet HTML 3Page - Maxim Integrated Products MAX189 Datasheet HTML 4Page - Maxim Integrated Products MAX189 Datasheet HTML 5Page - Maxim Integrated Products MAX189 Datasheet HTML 6Page - Maxim Integrated Products MAX189 Datasheet HTML 7Page - Maxim Integrated Products MAX189 Datasheet HTML 8Page - Maxim Integrated Products MAX189 Datasheet HTML 9Page - Maxim Integrated Products MAX189 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
The inductance (H) value is then given by:
Diode Selection
The output diode should be rated to handle the output
voltage and the peak switch current. Make sure the
diode’s peak current rating is at least IPK and that its
breakdown voltage exceeds VOUT. Schottky diodes are
recommended. If a junction rectifier is used, it must be
an ultra-fast type (trr < 50ns) to prevent excessive loss
in the rectifier.
Input and Output Capacitor Selection
The MAX1896 operates with both tantalum and ceramic
output capacitors. When using tantalum capacitors, the
zero caused by the ESR of the tantalum is used to
ensure stability. When using ceramic capacitors, the
zero due to the ESR will be at too high a frequency to
be useful in stabilizing the control loop. When using
ceramic capacitors, use a feedforward capacitor to
increase the phase margin, improving the control-loop
stability. Figure 3 shows the circuit with ceramic capac-
itors and the feedforward capacitor, CFF. Use the fol-
lowing equation to determine the value of the
feedforward capacitor:
where:
R1 = see Figure 3, (Ω)
COUT = total output capacitance including any bypass
capacitor on the output bus, (Farads). See Figure 3.
VOUT = output voltage, (V)
VIN = input voltage, (V).
Setting the Output Voltage
The MAX1896 operates with an adjustable output from
VIN to 13V. Connect a resistive voltage-divider from the
output to FB (see Typical Operating Circuit). Choose a
value for R2 between 10kΩ and 50kΩ. Calculate R1
using the equation:
where VFB, the step-up regulator feedback set point, is
1.24V. Connect the resistive-divider as close to the IC
as possible.
Soft-Start Capacitor
The soft-start capacitor should be large enough that the
current limit does not reach final value before the output
has reached regulation. Calculate CSS to be:
where:
k2 = 21 x 10-6, (S)
VOUT = maximum output voltage, (V)
IINRUSH = peak inrush current allowed, (A)
IOUT = maximum output current during power-up stage, (A)
VIN = minimum input voltage, (V)
The soft-start duration (tSS) is the time it takes the cur-
rent limit to reach its final value. The soft-start duration
can be calculated by the equation:
tss = k3 ✕ CSS
where:
k3 = 6.67 ✕ 105Ω
Ck
x C
x
VV
x V
Vx I
I
x V
SS
OUT
OUT
IN
OUT
IN
INRUSH
OUT
OUT
>
−
−
2
2
RR
x
V
V
OUT
FB
12
1
=
−
kx
with units of
xF
A
17 14
10
4
05
.
.
=
−
Ω
C
k
R
x
Cx V
V
FF
OUT
OUT
IN
.
=
1
1
2
05
L
Vx
x V
V
Vx LIR x I
x f
IN MIN
OUT
IN MIN
OUT
OUT MAX
OSC
[
(
)]
()
()
()
=
−
2
2
η
1.4MHz SOT23 Current-Mode
Step-Up DC-DC Converter
_______________________________________________________________________________________
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com