Electronic Components Datasheet Search
  English  ▼

X  

SS5817 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS5817 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS5817 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS5817 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS5817 THRU SS5819
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 1.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDEC SMA(DO-214AC) molded plastic body
Terminals: Solder Plated, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Any
Mounting Position:
Maximum repetitive peak reverse voltage
20
14
20
24
30
21
30
36
40
28
40
48
VRRM
VRSM
Volts
Volts
Volts
Volts
Volts
m
A
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
TJ
Maximum RMS voltage
Maximum DC blocking voltage
Maximum non-repetitive peak reverse voltage
Maximum average forward rectified current
Maximum instantaneous forward voltage at 1.0 A(note 1 )
Typical thermal resistance (Note 2)
Typical junction capacitance(Note 3)
Operating junction and storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
1.0
25.0
88.0
28.0
0.1
50
.
110.0
0.550
0.450
0.600
2.Thermal resistance (from junction to ambient)Vertical P.C.B. mounted , with 1.5X1.5"(38X38mm)copper pads
3.Measured at 1.0MHz and reverse voltage of 4.0 volts
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
°
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
//
R
SEMICONDUCT OR
SS
5817
SS
5818
SS
5819
Symbols
Units
Dimensions in inches and (millimeters)
SMA(DO-214AC)
0.065(1.65)
0.096(2.44)
0.181(4.60)
0.22(5.6)
0.060(1.52)
0.012(0.305)
0.008(0.203)
MAX
0.114(2.90)
0.049(1.25)
0.078(1.98)
0.157(3.99)
0.189(4.80)
0.030(0.76)
0.006(0.152)
0.094(2.40)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
-55 to +150
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
T =25 C
A
°
T =100 C
A
°
°C/W
°C
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
μ
RθJA
RθJL


Similar Part No. - SS5817

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SS5817 SEMTECH_ELEC-SS5817 Datasheet
178Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SS5817 JINANJINGHENG-SS5817 Datasheet
107Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SS5817 GXELECTRONICS-SS5817 Datasheet
462Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS5817 CHENDA-SS5817 Datasheet
462Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Jinan Jing Heng Electro...
SS5817T JINGHENG-SS5817T Datasheet
46Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - SS5817

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com