Electronic Components Datasheet Search
  English  ▼

X  

SS5820 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS5820
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS5820 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS5820 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS5820 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS5820B THRU SS5822B
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDEC SMB(DO-214AA) molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Weight: 0.003ounce,0.093 gram
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
2.P.C.B. mounted 0.55 X 0.55"(14 X 14mm)copper pad areas
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 3.0Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Built-in strain relief
Low profile package
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
°
//
Maximum repetitive peak reverse voltage
20
14
20
30
21
30
40
28
40
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
TJ
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current (See Fig.1)
Maximum instantaneous forward voltage at 3.0 A(note 1 )
T =25 C
°
T =100 C
°
A
A
Typical thermal resistance(Note 2)
Operating junction temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
3.0
80.0
-55 to +150
70.0
25.0
0.1
50
.
0.500
0.475
0.525
°C/W
°C
R
SEMICONDUCT OR
SS
5820B
SS
5821B
SS
5822B
Symbols
Units
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
-55 to +150
°C
Storage temperature range
Dimensions in inches and (millimeters)
SMB(DO-214AA)
0.086(2.20)
0.096(2.44)
0.193(4.90)
0.220(5.59)
0.060(1.52)
0.012(0.305)
0.008(0.203)
MAX
0.155(3.94)
0.075(1.91)
0.083(2.13)
0.160(4.06)
0.197(5. )
00
0.030(0.76)
0.004(0.100)
0.130(3.30)
RθJA
RθJL


Similar Part No. - SS5820

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS5820 JINANJINGHENG-SS5820 Datasheet
69Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SS5820 GXELECTRONICS-SS5820 Datasheet
323Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS5820 CHENDA-SS5820 Datasheet
323Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Jinan Jingheng (Group) ...
SS5820 JINANJINGHENG-SS5820_17 Datasheet
69Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - SS5820

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com