Electronic Components Datasheet Search
  English  ▼

X  

OP11EY Datasheet(PDF) 1 Page - Analog Devices

Part # OP11EY
Description  Quad Matched 741-Type Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EY Datasheet(HTML) 1 Page - Analog Devices

  OP11EY Datasheet HTML 1Page - Analog Devices OP11EY Datasheet HTML 2Page - Analog Devices OP11EY Datasheet HTML 3Page - Analog Devices OP11EY Datasheet HTML 4Page - Analog Devices OP11EY Datasheet HTML 5Page - Analog Devices OP11EY Datasheet HTML 6Page - Analog Devices OP11EY Datasheet HTML 7Page - Analog Devices OP11EY Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP11
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Quad Matched
741-Type Operational Amplifiers
PIN CONFIGURATIONS
14-Lead Epoxy DIP
(P Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT D
14-Lead Hermetic DIP
(Y Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT D
FEATURES
Guaranteed VOS: 500
V Max
Guaranteed Matched CMRR: 94 dB Min
Guaranteed Matched VOS: 750
V Max
LM148/LM348 Direct Replacement
Low Noise
Silicon-Nitride Passivation
Internal Frequency Compensation
Low Crossover Distortion
Continuous Short-Circuit Protection
Low Input Bias Current
GENERAL DESCRIPTION
The OP11 provides four matched 741-type operational amplifiers
in a single 14-lead DIP package. The OP11 is pin compatible
with the LM148, LM348, RM4156, RM4158, and HA4741
amplifiers. The amplifier is matched for common-mode rejection
ratio and offset voltage which is very important in designing
instrumentation amplifiers. In addition, the amplifier is designed
to have equal positive-going and negative-going slew rates. This
is an important consideration for good audio system performance.
The OP11 is ideal for use in designs requiring minimum space
and cost while maintaining performance.
–IN
+IN
OUTPUT
V–
V+
Figure 1. Simplified Schematic


Similar Part No. - OP11EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11EP AD-OP11EP Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EP AD-OP11EP Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ1 AD-OP11EPZ1 Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
More results

Similar Description - OP11EY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
Analog Devices
OP-09 AD-OP-09 Datasheet
718Kb / 7P
Quad Matched 741-Type Operational Amplifiers
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Analog Devices
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP11 AD-OP11_15 Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com