Electronic Components Datasheet Search
  English  ▼

X  

P82B96 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P82B96
Description  Dual bi-directional bus buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82B96 Datasheet(HTML) 5 Page - NXP Semiconductors

  P82B96 Datasheet HTML 1Page - NXP Semiconductors P82B96 Datasheet HTML 2Page - NXP Semiconductors P82B96 Datasheet HTML 3Page - NXP Semiconductors P82B96 Datasheet HTML 4Page - NXP Semiconductors P82B96 Datasheet HTML 5Page - NXP Semiconductors P82B96 Datasheet HTML 6Page - NXP Semiconductors P82B96 Datasheet HTML 7Page - NXP Semiconductors P82B96 Datasheet HTML 8Page - NXP Semiconductors P82B96 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product data
P82B96
Dual bi-directional bus buffer
2004 Mar 26
5
UNIT
MAX.
TYP.
MIN.
CONDITIONS
PARAMETER
SYMBOL
Input logic switching threshold voltages
VSx, VSy
Input logic voltage LOW (Note 3)
On normal I2C-bus
—
640
600
mV
VSx, VSy
Input logic level HIGH threshold (Note 3)
On normal I2C-bus
700
650
—
mV
dVSx/dT,
dVSy/dT
Temperature coefficient of input thresholds
—
–2
—
mV/K
VRx, VRy
Input logic HIGH level
Fraction of applied VCC
0.58
—
—
V
VRx, VRy
Input threshold
Fraction of applied VCC
—
0.5
—
V
VRx, VRy
Input logic LOW level
Fraction of applied VCC
—
—
0.42
V
Logic level threshold difference
VSx, VSy
Input/Output logic level difference (Note 1)
VSX output LOW at 0.2 mA –
VSX input HIGH max
50
85
—
mV
NOTES:
1. The minimum value requirement for pull-up current, 200
µA, guarantees that the minimum value for VSX output LOW will always exceed the
minimum VSX input HIGH level to eliminate any possibility of latching. The specified difference is guaranteed by design within any IC. While
the tolerances on absolute levels allow a small probability the LOW from one SX output is recognized by an SX input of another P82B96 this
has no consequences for normal applications. In any design the SX pins of different ICs should never be linked because the resulting system
would be very susceptible to induced noise and would not support all I2C operating modes.
2. The output logic LOW depends on the sink current. For scaling, see
Application Note AN255.
3. The input logic threshold is independent of the supply voltage.
CHARACTERISTICS
At Tamb = 25 °C; Voltages are specified with respect to GND with VCC = 5 V unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Bus Release on VCC Failure
VSx, VSy,
VTx, VTy
VCC voltage at which all buses are
guaranteed to be released
—
—
1
V
dV/dT
Temperature coefficient of guaranteed release
voltage
—
–4
—
mV/K
Buffer response time
Tfall delay
VSx to VTx
VSy to VTy
Buffer time delay on FALLING input between
VSx = input switching threshold,
and VTx output falling 50%.
RTx pull-up = 160 Ω,
no capacitive load, VCC = 5 V
—
70
—
ns
Trise delay
VSx to VTx
VSy to VTy
Buffer time delay on RISING input between
VSx = input switching threshold,
and VTx output reaching 50% VCC
RTx pull-up = 160 Ω,
no capacitive load, VCC = 5 V
—
90
—
ns
Tfall delay
VRx to VSx
VRy to VSy
Buffer time delay on FALLING input between
VRx = input switching threshold,
and VSx output falling 50%.
RSx pull-up = 1500 Ω, no
capacitive load, VCC = 5 V
—
250
—
ns
Trise delay
VRx to VSx
VRy to VSy
Buffer time delay on RISING input between
VRx = input switching threshold,
and VSx output reaching 50% VCC
RSx pull-up = 1500 Ω,
no capacitive load, VCC = 5 V
—
270
—
ns
Input capacitance
Cin
Effective input capacitance of any signal pin
measured by incremental bus rise times
—
—
7
pF
NOTES ON RESPONSE TIME
The fall-time of VTX from 5 V to 2.5 V in the test is approximately 15 ns.
The fall-time of VSX from 5 V to 2.5 V in the test is approximately 50 ns.
The rise-time of VTX from 0 V to 2.5 V in the test is approximately 20 ns.
The rise-time of VSX from 0.9 V to 2.5 V in the test is approximately 70 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com