Electronic Components Datasheet Search
  English  ▼

X  

PCA9550 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9550
Description  2-bit I2C LED driver with programmable blink rates
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9550 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9550 Datasheet HTML 7Page - NXP Semiconductors PCA9550 Datasheet HTML 8Page - NXP Semiconductors PCA9550 Datasheet HTML 9Page - NXP Semiconductors PCA9550 Datasheet HTML 10Page - NXP Semiconductors PCA9550 Datasheet HTML 11Page - NXP Semiconductors PCA9550 Datasheet HTML 12Page - NXP Semiconductors PCA9550 Datasheet HTML 13Page - NXP Semiconductors PCA9550 Datasheet HTML 14Page - NXP Semiconductors PCA9550 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Product data
PCA9550
2-bit I2C LED driver with programmable blink rates
2003 May 02
11
AC SPECIFICATIONS
SYMBOL
PARAMETER
STANDARD MODE
I2C-BUS
FAST MODE
I2C-BUS
UNITS
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNITS
fSCL
Operating frequency
0
100
0
400
kHz
tBUF
Bus free time between STOP and START conditions
4.7
—
1.3
—
µs
tHD;STA
Hold time after (repeated) START condition
4.0
—
0.6
—
µs
tSU;STA
Repeated START condition set-up time
4.7
—
0.6
—
µs
tSU;STO
Set-up time for STOP condition
4.0
—
0.6
—
µs
tHD;DAT
Data in hold time
0
—
0
—
ns
tVD;ACK
Valid time for ACK condition2
—
600
—
600
ns
tVD;DAT (L)
Data out valid time3
—
600
—
600
ns
tVD;DAT (H)
Data out valid time3
—
1500
—
600
ns
tSU;DAT
Data set-up time
250
—
100
—
ns
tLOW
Clock LOW period
4.7
—
1.3
—
µs
tHIGH
Clock HIGH period
4.0
—
0.6
—
µs
tF
Clock/Data fall time
—
300
20 + 0.1 Cb1
300
ns
tR
Clock/Data rise time
—
1000
20 + 0.1 Cb1
300
ns
tSP
Pulse width of spikes that must be suppressed by the
input filters
—
50
—
50
ns
Port Timing
tPV
Output data valid
—
200
—
200
ns
tPS
Input data set-up time
100
—
100
—
ns
tPH
Input data hold time
1
—
1
—
µs
Reset
tW
Reset pulse width
6
—
6
—
ns
tREC
Reset recovery time
0
—
0
—
ns
tRESET4,5
Time to reset
400
—
400
—
ns
NOTES:
1. Cb = total capacitance of one bus line in pF.
2. tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
3. tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
4. Resetting the device while actively communicating on the bus may cause glitches or errant STOP conditions.
5. Upon reset, the full delay will be the sum of tRESET and the RC time constant of the SDA bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com