Electronic Components Datasheet Search
  English  ▼

X  

DL914 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DL914
Description  FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DL914 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DL914 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DL914 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DL914 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DL914 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N0526, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
1N914 /DL914
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Limits
Unit
Non- Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Current
IF
300
mA
Rectified Current(Average), Half Wave Rectification with
Resistive Load and f≥50MHz (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current @t=1.0s
@t=1.0μs
IFSM
1.0
2.0
A
Power Dissipation
Derate Above 25°C
PD
500
1.68
mW
mW/°C
Typical Thermal Resistance, Junction to Ambient Air
RθJA
300
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
VFM
-
1.0
V
@IF=10mA
Reverse Leakage Current
IRM
-
5.0
50
30
25
uA
uA
uA
nA
@VR=75V
@VR=70V, TJ=150°C
@VR=20V, TJ=150°C
@VR=20V
Capacitance
CT
-
4
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-
4
ns
IF=10mA to IR=1.0mA,
VR=6V, RL=100Ω
Note: 1. Diode on Substrate substrate 10×8×0.7mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com