Electronic Components Datasheet Search
  English  ▼

X  

BZX55C Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # BZX55C
Description  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

BZX55C Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  BZX55C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd BZX55C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd BZX55C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd BZX55C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd BZX55C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0201, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
BZX55C-SERIES
MARKING DIAGRAM
Where XXXXX is YYWWL
BZX55C2V4
= Part Name
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
ORDERING INFORMATION
Device
Package
Shipping
BZX55C-SERIES
DO-35
(Pb-Free)
5000pcs / tape
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.


Similar Part No. - BZX55C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C VISHAY-BZX55C Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
Series Half Watt Zeners
logo
Formosa MS
BZX55C FORMOSA-BZX55C Datasheet
127Kb / 5P
Zener diode
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
More results

Similar Description - BZX55C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com