Electronic Components Datasheet Search
  English  ▼

X  

DB101 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DB101
Description  SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DB101 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DB101 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB101 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB101 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB101 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1778, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DB101-DB107
DB101-DB107
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Features:
•
Glass passivated die construction
•
Low forward voltage drop
•
High current capability
•
High surge current capability
•
Plastic material-UL flammability 94V-0
Mechanical Data:
•
Case: DB-M, Molded plastic
•
Terminals: Plated leads solderable per MIL-STD-202, Method 208
•
Polarity: as marked on case
•
Mounting Position: Any
•
Marking: Type Number
•
Lead Free: For RoHS / Lead Free Version
Mechanical Dimensions: In Inches/mm
DB-M


Similar Part No. - DB101

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB101 SURGE-DB101 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB101 DCCOM-DB101 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB101

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB1FU DYELEC-RMB1FU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1MU DYELEC-RMB1MU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1SU DYELEC-RMB1SU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1FU DYELEC-RMB1FU_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1MU DYELEC-RMB1MU_17 Datasheet
1Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1SU DYELEC-RMB1SU_17 Datasheet
1Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1SU DYELEC-UMB1SU_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS2U DYELEC-RABS2U_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF2U DYELEC-RABF2U_17 Datasheet
4Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com