Electronic Components Datasheet Search
  English  ▼

X  

FF107M Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # FF107M
Description  SUFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

FF107M Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  FF107M Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd FF107M Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd FF107M Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd FF107M Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd FF107M Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1649, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
FF107M
FF107M SUFACE MOUNT FAST RECOVERY RECTIFIER
Features:
•
Glass passivated device
•
Ideal for surface mouted applications
•
Low reverse leakage
•
Metallurgically bonded construction
•
High temperature soldering guaranteed: 250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs.
(2.3kg) tension
•
Glass passivated chip junction
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: JEDEC SOD-123SL molded plastic body over passivated chip
•
Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
•
Weight:0.0007 ounce, 0.02 grams
Mechanical Dimensions: In mm
SOD-123SL


Similar Part No. - FF107M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
FF10 SEMTECH-FF10 Datasheet
175Kb / 4P
RECTIFIER, up to 150V, 1.8A, 30ns
logo
PANDUIT CORP.
FF10-10MY PANDUIT-FF10-10MY Datasheet
350Kb / 2P
LC Fiber Optic Connectors
logo
Faraday Technology
FF1000J FARADAY-FF1000J Datasheet
126Kb / 2P
GENERAL PURPOSE VIDEO FILTER
FF1000L FARADAY-FF1000L Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF1000M FARADAY-FF1000M Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
More results

Similar Description - FF107M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
FFM101 CHENDA-FFM101 Datasheet
553Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR0.3A CHENDA-DFR0.3A Datasheet
608Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR0.5A CHENDA-DFR0.5A Datasheet
621Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR1A CHENDA-DFR1A Datasheet
568Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SM101 SUNMATE-SM101 Datasheet
325Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
DFR1A YIXIN-DFR1A Datasheet
139Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Foster Semicon...
FFM101MG FOSTER-FFM101MG Datasheet
1Mb / 3P
Suface Mount Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com