Electronic Components Datasheet Search
  English  ▼

X  

TDA8031 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDA8031
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8031 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDA8031 Datasheet HTML 40Page - NXP Semiconductors TDA8031 Datasheet HTML 41Page - NXP Semiconductors TDA8031 Datasheet HTML 42Page - NXP Semiconductors TDA8031 Datasheet HTML 43Page - NXP Semiconductors TDA8031 Datasheet HTML 44Page - NXP Semiconductors TDA8031 Datasheet HTML 45Page - NXP Semiconductors TDA8031 Datasheet HTML 46Page - NXP Semiconductors TDA8031 Datasheet HTML 47Page - NXP Semiconductors TDA8031 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
2003 Jul 04
44
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
8.5.8
ANALOG INTERFACE
The transceiver interfaces directly to the USB cables
through termination resistors. They are able to transmit
and receive serial data at full speed (12 Mbits/s).
A 1.5 k
Ω pull-up resistor is integrated between pins D+
and VDDD and is connected by software by the
microcontroller; in case a
±5% resistor is preferred, it can
be externally connected between pins DELATT and D+
(DELATT is also controlled by software and is floating
when OFF, or connected to VDDD when ON).
8.5.9
SUSPEND MODE
When the USB interface enters Suspend mode, the
software should set the microcontroller in power-down
mode in order to respect the suspend current condition.
The following sequence should be executed:
1. When the device enters the Suspend mode, it
generates an interrupt on pin INT1
2. The software should set USB_INT_MASK to logic 1
3. Then it should wait until CLK_EN_N is HIGH before
entering power-down mode.
When the device detects an activity on the bus, it resets
CLK_EN_N to logic 0 and generates an interrupt on pin
INT1. When leaving the Suspend mode, the following
sequence should be executed:
1. The software should read the DEVICE_STATUS to
enable the interrupt to be cleared
2. Reset USB_INT_MASK to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com