Electronic Components Datasheet Search
  English  ▼

X  

MM3ZB12 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MM3ZB12
Description  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MM3ZB12 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MM3ZB12 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB12 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB12 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB12 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB12 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1354, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
MM3Z SERIES
Electrical Characteristics (Tamb=25℃, Unless otherwise specified)
Note:
VZ is tested with pulses (20 ms).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com