Electronic Components Datasheet Search
  English  ▼

X  

MM5Z12 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MM5Z12
Description  ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MM5Z12 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MM5Z12 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z12 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z12 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z12 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0206, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MM5Z2V4- MM5Z75
MM5Z2V4-MM5Z75 ZENER DIODES
Features:
Silicon planar power zener diodes
Other tolerances are available upon request.
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Characteristics:
Case: Void- free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V-0
Lead Finish: 100% Matte Sn(
(
(
(Tin)
)
)
)
Mounting Position: Any
Qualified Max Reflow Temperature: 260°C
Zener diodes, SMD solderable, Single device per housing, 2 leads
Mechanical Dimensions (Inches /mm) and Marking:
SOD-523


Similar Part No. - MM5Z12

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z12 SEMTECH_ELEC-MM5Z12 Datasheet
266Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z12 HTSEMI-MM5Z12 Datasheet
639Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z12 DGNJDZ-MM5Z12 Datasheet
102Kb / 4P
SILICON PLANAR ZENER DIODES
MM5Z12 DGNJDZ-MM5Z12 Datasheet
115Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
MM5Z12 DIOTEC-MM5Z12 Datasheet
156Kb / 3P
SMD Planar Zener Diodes
More results

Similar Description - MM5Z12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com