Electronic Components Datasheet Search
  English  ▼

X  

TFS183B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TFS183B
Description  Development specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFS183B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TFS183B Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS183B Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS183B Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS183B Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS183B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs183b.doc
version 1.0
20.08.2003
VI TELEFILTER
Development specification
TFS 183B
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Construction and pin connection
(all dimensions in mm)
9,3 Max.
1
2
3
4
5
6
7
8
9
10
7,1
0,10
0,8
2,54 ±0,12,54 ±0,1
60° 1
2
3
4
5
6
7
8
9
10
Date code
1
Ground
2
Ground
3
Ground
4
Output
5
Output RF-Return
6
Ground
7
Ground
8
Ground
9
Input
10
Input RF-Return
TFS 183B
●
R34
Date code:
Year + week
N
2001
P
2002
R
2003
...
50
Ω test circuit
t.b.d.
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com