Electronic Components Datasheet Search
  English  ▼

X  

TLP371 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP371
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP371 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP371 Datasheet HTML 1Page - Toshiba Semiconductor TLP371 Datasheet HTML 2Page - Toshiba Semiconductor TLP371 Datasheet HTML 3Page - Toshiba Semiconductor TLP371 Datasheet HTML 4Page - Toshiba Semiconductor TLP371 Datasheet HTML 5Page - Toshiba Semiconductor TLP371 Datasheet HTML 6Page - Toshiba Semiconductor TLP371 Datasheet HTML 7Page - Toshiba Semiconductor TLP371 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP371,TLP372
2002-09-25
7
VCE = 1V
IF = 10mA
1mA
Ambient temperature Ta (℃)
IC – Ta
120
100
80
60
20
40
0
-20
100
80
60
40
20
0
ICEO – Ta
Ambient temperature Ta (℃)
10
1
10
0
10-
1
80
60
40
20
0
100
10-
2
10-
3
VCE = 200V
150V
80V
Ambient temperature Ta (℃)
IC – Ta
VCE = 1V
80
60
20
40
0
-20
0.4
0.2
100
0.8
0.6
1.0
1.4
1.2
IF = 10mA
1mA
ICEO – VCE
Collector
-emitter voltage VCE (V)
10
1
10
0
10-
1
300
100
50
30
10
500
RBE = OPEN
RBE = 10 MΩ
(
TLP371)
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com