Electronic Components Datasheet Search
  English  ▼

X  

TPIC2404 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC2404
Description  INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2404 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC2404 Datasheet HTML 1Page - Texas Instruments TPIC2404 Datasheet HTML 2Page - Texas Instruments TPIC2404 Datasheet HTML 3Page - Texas Instruments TPIC2404 Datasheet HTML 4Page - Texas Instruments TPIC2404 Datasheet HTML 5Page - Texas Instruments TPIC2404 Datasheet HTML 6Page - Texas Instruments TPIC2404 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPIC2404
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
SLIS007A – D3299, AUGUST 1989 – REVISED MAY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–2
logic symbol†
1Y
2Y
1, 2 CLAMP
3 Y
4 Y
3, 4 CLAMP
Overvoltage
Shutdown
1A
&
G1
G2
G3
G4
5
6
7
8
ENABLE
EN
&
Overtemperature
Shutdown
CLAMP
= 1
Z5
A
2A
3A
4A
FAULT
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
1Y
VCC
Overvoltage
Shutdown
Overtemperature
Shutdown
1.5-Amp
Max Limit
1, 2 CLAMP
2Y
3Y
3, 4 CLAMP
4Y
FAULT
ENABLE
1A
2A
3A
4A
3
4
5
11
12
13
1
7
2
6
10
14
9
Overtemperature
Shutdown
Overtemperature
Shutdown
Overtemperature
Shutdown
1.5-Amp
Max Limit
1.5-Amp
Max Limit
1.5-Amp
Max Limit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com