Electronic Components Datasheet Search
  English  ▼

X  

GC0301K Datasheet(PDF) 1 Page - CUI INC

Part # GC0301K
Description  LOW PROFILE NOTEBOOK SPEAKER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GC0301K Datasheet(HTML) 1 Page - CUI INC

  GC0301K Datasheet HTML 1Page - CUI INC GC0301K Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date
page
PART NUMBER:
DESCRIPTION:
03/2009
1 of 2
SPEAKER
GC0301K
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
nominal size
16 x 30 mm
impedance
at 1.5 kHz, 1 V
6.8
8
9.2
resonant frequency
at 1 V
400
500
600
Hz
sound pressure level
0.5 W, 50 cm ave., at 0.8, 1, 1.2, 1.5k Hz
74
77
80
dB
response
10 dB max.
Fo
4,000
Hz
input power
0.5
1
W
operation
must be normal at program source
0.5
W
buzz, rattle, etc.
must be normal at sine wave
2
V dc
magnet
size: 7.9 x 1.3 mm
load test
24 hours of white noise at
0.5
W
heat test
20 ~ 50% RH for 24 hours
63
65
67
°C
humidity test
90 ~ 95% RH for 24 hours
38
40
42
°C
RoHS
yes
FREQUENCY RESPONSE CURVE
parameter
conditions/description
potentiometer range
50 dB
rectifier
RMS
lower limit frequency
20 Hz
wr. speed
100 mm/sec
zero level
50 dB
For more information, please visit the product page.


Similar Part No. - GC0301K

ManufacturerPart #DatasheetDescription
logo
CUI Devices
GC0301K CUID-GC0301K Datasheet
626Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - GC0301K

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
CUI INC
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
CLS0231-L152 CUI-CLS0231-L152 Datasheet
202Kb / 2P
LOW PROFILE SPEAKER
CLS0261MAE-L152 CUI-CLS0261MAE-L152 Datasheet
819Kb / 2P
LOW PROFILE SPEAKER
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0401K CUI-GC0401K Datasheet
922Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0401S CUI-GC0401S Datasheet
96Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351P-1 CUI-GC0351P-1 Datasheet
595Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351P-3 CUI-GC0351P-3 Datasheet
557Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0402MA CUI-GC0402MA Datasheet
120Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com