Electronic Components Datasheet Search
  English  ▼

X  

GF0573 Datasheet(PDF) 1 Page - CUI INC

Part # GF0573
Description  Round frame paper cone - ferrite magnet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GF0573 Datasheet(HTML) 1 Page - CUI INC

  GF0573 Datasheet HTML 1Page - CUI INC GF0573 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No: GF0573
Description: speaker
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 9/20/2006
Unit: mm
Page No: 1 of 2
Specifications
Nominal Size
57 mm (2.25 in)
(See attached drawing)
Impedance
8 Ohm ± 15%
at
800 Hz 1 V
Resonant frequency
450 Hz ± 90 Hz
at
1 V
Sound pressure level
92 dB/w ± 3 dB
1 w 50 cm ave. at 1.0K, 1.4K, 1.7K, 2.0K Hz
Response
Fo Hz ~ 21 KHz max 10 dB
Input power
Nominal
3 W
Handling capacity
5 W
Operation
must be normal at program source 3 W
Buzz, rattle, etc.
must be normal at sine wave 4.89 V
Magnet
Size: 45 x 22 x 8 mm
Load test
White noise
3 W
for
48 hours
Heat test
70 ± 2° C
20-50% R.H.
48 hours
Humidity test
40 ± 2° C
90-95% R.H.
48 hours
Frequency Response Curve
Potentiometer range
50 dB
Rectifier
RMS
Lower limit frequency
20 Hz
Wr. speed
100 mm/sec
Zero level 70 dB
For more information, please visit the product page.


Similar Part No. - GF0573

ManufacturerPart #DatasheetDescription
logo
CUI Devices
GF0573 CUID-GF0573 Datasheet
585Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - GF0573

ManufacturerPart #DatasheetDescription
logo
CUI INC
GF0501 CUI-GF0501 Datasheet
247Kb / 2P
Round frame paper cone - ferrite magnet
GF0571 CUI-GF0571 Datasheet
250Kb / 2P
Round frame paper cone - ferrite magnet
GF0701 CUI-GF0701 Datasheet
246Kb / 2P
Round frame paper cone - ferrite magnet
GF0771 CUI-GF0771 Datasheet
230Kb / 2P
Round frame paper cone - ferrite magnet
GF0922 CUI-GF0922 Datasheet
233Kb / 2P
Round frame paper cone - ferrite magnet
GF0927 CUI-GF0927 Datasheet
245Kb / 2P
Square frame paper cone - ferrite magnet
GF1004 CUI-GF1004 Datasheet
236Kb / 2P
Square frame paper cone - ferrite magnet
GA0451 CUI-GA0451 Datasheet
241Kb / 2P
Round frame paper cone - alnico magnet
GF0661 CUI-GF0661 Datasheet
244Kb / 2P
Round frame paper cone - ferrite magnet
GF0876M CUI-GF0876M Datasheet
266Kb / 2P
Square frame paper cone - ferrite magnet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com