Electronic Components Datasheet Search
  English  ▼

X  

PD-40VS Datasheet(PDF) 1 Page - CUI INC

Part # PD-40VS
Description  4 PIN POWER DIN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PD-40VS Datasheet(HTML) 1 Page - CUI INC

  PD-40VS Datasheet HTML 1Page - CUI INC PD-40VS Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date
08/02/2011
page
1 of 2
cui.com
SERIES:
PD-40VS │ DESCRIPTION: 4 PIN POWER DIN
FEATURES
• PCB mount
• vertical
• shielded
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
20
Vdc
rated input current
7.5
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
at 500 Vdc, after environmental tests
100
50
MΩ
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
15.60 0.614
16.20 0.638
1.50 0.059
(4PLCS)
2.40 0.094
1.60 0.063
10.60 0.417
3.80 0.150
5.00 0.197
8.80 0.346
8.80 0.346
12.80 0.504
4.00 0.157
11.50 0.453
0.50 0.020
3.50 0.138
4.00 0.157
21
3
4
5.00 0.197
3.80 0.150
2.40 0.094
10.60 0.417
8.80 0.346
1.60 0.063
1.70 0.067
(4PLCS)
2.30 0.091
(2PLCS)
8.80 0.346
2.2X0.8
(4PLCS)
1.9X0.7
(2PLCS)
12
4
3
PCB LAYOUT
TOP VEIW
MECHANICAL DRAWING
MATERIAL
PLATING
inner shield
0.4T bronze
nickel plated
metal shell
0.3T bronze
nickel plated
contact terminal
0.3T phosphor
bronze
silver plated
cover
PBT
black color
housing
PBT
black color
plastic
PA6T
units: mm [inch]
For more information, please visit the product page.


Similar Part No. - PD-40VS

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PD-40VS CUID-PD-40VS Datasheet
370Kb / 3P
POWER DIN JACK
03/31/2020
More results

Similar Description - PD-40VS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP320C-R FAIRCHILD-QTLP320C-R Datasheet
336Kb / 4P
4 - PIN POWER LED
QTLP321C-W FAIRCHILD-QTLP321C-W Datasheet
68Kb / 3P
4 - PIN POWER LED
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
4-PIN POWER DIN JACK, RIGHT ANGLE, NOSHIELDING
PDP-40 CUI-PDP-40 Datasheet
116Kb / 4P
4-PIN POWER DIN PLUG
logo
Assmann Electronics Inc...
AK323G-2-R ASSMANN-AK323G-2-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AK323G-5-R ASSMANN-AK323G-5-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AB440-R ASSMANN-AB440-R Datasheet
122Kb / 1P
DIN 5 Pin Female - MINI Din 6 Pin Male
AB961 ASSMANN-AB961 Datasheet
122Kb / 1P
DIN 5 Pin Male - MINI Din 6 Pin Female
logo
CUI INC
PD-40V CUI-PD-40V Datasheet
93Kb / 2P
4 PIN POWER DIN
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com