Electronic Components Datasheet Search
  English  ▼

X  

2SC4927 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC4927
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4927 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC4927 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4927 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4927 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4927 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4927 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4927 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC4927
Silicon NPN Triple Diffused
Application
TV/character display horizontal deflection output
Features
• High breakdown voltage
V
CES = 1500 V
• Built-in damper diode type
• Isolated package
TO-3PFM
Outline
TO-3PFM
1
2
3
1. Base
2. Collector
3. Emitter
ID
1
2
3


Similar Part No. - 2SC4927

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4927 ISC-2SC4927 Datasheet
228Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4927 SAVANTIC-2SC4927 Datasheet
237Kb / 4P
Silicon NPN Power Transistors
2SC4927 SAVANTIC-2SC4927 Datasheet
239Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4927 NJSEMI-2SC4927 Datasheet
122Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4927

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
SILICON NPN TRIPLE DIFFUSED DIFFUSED
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
2SC4647 RENESAS-2SC4647 Datasheet
146Kb / 7P
Silicon NPN Triple Diffused
2SC4913 RENESAS-2SC4913 Datasheet
145Kb / 7P
Silicon NPN Triple Diffused
2SD1976 RENESAS-2SD1976 Datasheet
150Kb / 7P
Silicon NPN Triple Diffused
2SD2337 RENESAS-2SD2337 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
logo
Guangdong Kexin Industr...
2SC4499S KEXIN-2SC4499S Datasheet
39Kb / 1P
Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com