Electronic Components Datasheet Search
  English  ▼

X  

2SC5447 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5447
Description  Silicon NPN Triple Diffused Character Display Horizntal Deflection Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5447 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5447 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5447 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5447 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5447 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5447 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5447 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5447 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5447
3
Main Characteristics
80
60
40
20
0
50
100
150
200
100
5
4
3
2
1
05
10
0.1
0.2
0.5
1
2
5
10
1
5
2
10
20
50
100
Case Temperature
Tc (°C)
Collector Power Dissipation
vs. Temperature
Collector to Emitter Voltage V
(V)
CE
Typical Output Characteristics
Collector Current
I
(A)
C
DC Current Transfer Ratio vs.
Collector Current
Collector to Emitter Voltage V
(V)
CE
Area of Safe Operaion
B
I
= 0
1
5
2
10
20
50
0.1
0.5
0.2
10
1000
5000
L = 180 µH
I
= –1 A
duty < 1 %
Tc = 25°C
B2
1.0
A 0.9 A
0.8 A
0.7 A
0.6 A
0.5 A
0.4 A
0.3 A
0.2 A
0.1 A
Tc = 25 °C
Tc = –25 °C
25 °C
75 °C
V
= 5 V
CE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com