Electronic Components Datasheet Search
  English  ▼

X  

R1A Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # R1A
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

R1A Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  R1A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. R1A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RA TH U R M
1R
1
GLASS PASSIVATED FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:1.0Ampere
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60H ,resistive or inductive
load. For capacitive load,derate current by 20%.)
°
Z
2.Measured at 1MH and applied reverse voltage of 4.0 Volts D.C.
Z
FEATURES
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
pF
Amps
Amps
VRMS
VDC
I(AV)
IFSM
VF
IR
trr
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 1.0 A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Maximum DC Reverse Current
at rated DC blocking voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
150
15.0
500
250
5.0
°C
TT
J STG
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
25.0
1.3
1.0
R
SEMICONDUCT OR
Symbols
Units
R1A
Glass passivated junction
For Surface Mount Applications, Easy to pick and place
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
R1B
R1D
R1G
R1J
R1K
R1M
T =25 C
T =125 C
A
A
°
°
50
Component in accordance to RoHS 2011/65/EU
High temperature soldering guaranteed:260°C/10 seconds at terminals,
ns
Case:
FL molded plastic
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:
SOD-123
0.01 gram
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1
JF
SOD-123FL
Dimensions in inches and (millimeters)
0.039(1.00 )
0.020(0.50)
0.077(1.95 )
0.054(1.38)
0.114(2.90 )
0.098(2.50)
0.154(3.90)
0.138(3.50)
0.010(0.25)
MAX
5
°
0.052(1.33)
0.031(0.8)
0.010(0.25)
MIN
A
μ


Similar Part No. - R1A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
R1A YEASHIN-R1A Datasheet
216Kb / 2P
RECTIFIER SPECIALISTS
logo
Sangdest Microelectroni...
R1A SMC-R1A Datasheet
145Kb / 4P
Plastic Case Material has UL Flammability Classication Rating 94V-0
logo
DIYI Electronic Technol...
R1A DYELEC-R1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
SAMYANG ELECTRONICS CO....
R1A SAMYANG-R1A Datasheet
1Mb / 2P
PLASTIC SILICON RECTIFIER
logo
SMC Diode Solutions Co....
R1A SMCDIODE-R1A Datasheet
380Kb / 4P
R1A-R1M 1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
Rev. A
More results

Similar Description - R1A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com