Electronic Components Datasheet Search
  English  ▼

X  

R1AS Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # R1AS
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

R1AS Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  R1AS Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. R1AS Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RA TH U R M
1S
R
1 S
GLASS PASSIVATED FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:1.0Ampere
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60H ,resistive or inductive
load. For capacitive load,derate current by 20%.)
°
Z
2.Measured at 1MH and applied reverse voltage of 4.0 Volts D.C.
Z
FEATURES
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
A
μ
pF
Amps
Amps
VRMS
VDC
I(AV)
IFSM
VF
IR
trr
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 1.0 A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Maximum DC Reverse Current
at rated DC blocking voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
150
15.0
500
250
5.0
°C
TT
J STG
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
30.0
1.3
1.0
R
SEMICONDUCT OR
Symbols
Units
R1AS
Glass passivated junction
For Surface Mount Applications, Easy to pick and place
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
R1BS R1DS R1GS
R1JS
R1KS
R1MS
Case: SOD 123F molded plastic over glass passivated chip
Terminals: Solder plated
Polarity: Color band denotes cathode end
-
T =25 C
T =125 C
A
A
°
°
150
Component in accordance to RoHS 2011 65 EU
//
High temperature soldering guaranteed:260°C/10 seconds at terminals,
ns
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
2-1
JF
SOD 123F
-
0.063(1.6 )
0.051(1.3)
5°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0 3)
.
0.004(0.1)
0.047(1.2)
0.028(0.6)
Dimensions in inches and (millimeters)


Similar Part No. - R1AS

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
R1A YEASHIN-R1A Datasheet
216Kb / 2P
RECTIFIER SPECIALISTS
logo
Jinan Jing Heng Electro...
R1A JINGHENG-R1A Datasheet
65Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
R1A SMC-R1A Datasheet
145Kb / 4P
Plastic Case Material has UL Flammability Classication Rating 94V-0
logo
DIYI Electronic Technol...
R1A DYELEC-R1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
SAMYANG ELECTRONICS CO....
R1A SAMYANG-R1A Datasheet
1Mb / 2P
PLASTIC SILICON RECTIFIER
More results

Similar Description - R1AS

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com