Electronic Components Datasheet Search
  English  ▼

X  

9222 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9222
Description  RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9222 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9222 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9222 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9222 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9222 Coax - Computer & Instrumentation Cable 50 Ohm Triax
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-40°C To +75°C
Non-UL Temperature Rating
75°C
Bulk Cable Weight
37.2 lbs/1000 ft.
Max. Recommended Pulling Tension
83 lbs.
Min. Bend Radius (Install)
2.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
50 Ohms
Nom. Inductance
.077 µH/ft
Nom. Capacitance Conductor to Shield
30.8 pF/ft
Nominal Velocity of Propagation
66 %
Nom. Conductor DC Resistance @ 20 Deg. C
9.5 Ohms/1000 ft
Nom. Inner Shield DC Resistance :
Description
Nom. Inner Shield DC Resistance @ 20 Deg. C (Ohms/1000 ft)
4.7
Nominal Outer Shield DC Resistance
4.3 Ohms/1000 ft
Nom. Attenuation :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
1
.5
10
1.5
50
3.3
100
4.9
200
7.2
400
12.0
500
14.0
700
18.0
900
22.0
1000
24.0
Max. Operating Voltage - Non-UL
1400 V RMS
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
9222 004100
50 OHM TRIAX
100
4.6
YELLOW
9222 004500
50 OHM TRIAX
500
21.5
YELLOW
9222 004U500
50 OHM TRIAX
U500
21
YELLOW
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com